Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM8108 Datasheet (PDF) - List of Unclassifed Manufacturers

DM8108 Datasheet PDF - List of Unclassifed Manufacturers
Part # DM8108
Download  DM8108 Download
File Size   371.66 Kbytes
Page   35 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8 port 10/100M Fast Ethernet Switching Controller

DM8108 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM8108 Datasheet PDF - List of Unclassifed Manufacturers

Part # DM8108
Download  DM8108 Click to download

File Size   371.66 Kbytes
Page   35 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8 port 10/100M Fast Ethernet Switching Controller

DM8108 Datasheet (HTML) - List of Unclassifed Manufacturers


DM8108 Product details

[DAVICOM]

General Description
The DM8108 is an 8 port 10/100Mbit/s nonblocking Ethernet switch with on-chip address-lookup engine. The DM8108 provides a low-cost, high-performance switch solution with PHYs and single SGRAM.

Features
■ Low cost Fast Ethernet Switching Controller.
 • Provide packet switching functions between eight 10/100Mbps, auto-negotiated on-chip Fast Ethernet ports and a proprietary Full-duplex Expansion port.
 • Cascade max. 8 DM8108s without extra glue logic for 64-port configuration.
■ Incorporates three 802.3 compliant 10/100Mbps Media Access Controllers
 • Direct interface to MII (Media Independent Interface)
 • Half/Full Duplex Support for individual port (upto 200Mbps/port)
 • IEEE 802.3 100Base-TX, T4.FX compatible
■ Auto-negotiation supported through Serial MII interface
■ High-performance Distributed Switching Engine
 • Performs packet forwarding and filtering at full wire-speed
 • 148,800 packets/sec. on each Ethernet port
■ Direct support for packet buffering
 • Glue-less interface with 1 or 2 Mbytes of SDRAM (SGRAM)
 • 32 bit memory bus configuration
 • 66 Mhz – 90Mhz memory bus speed
 • Up-to 1.1K buffers, 1536-byte each, allocated to receive ports
■ Support Store and Forward switching approach
 • Low last-bit to first-bit out delay
 • Allow mixed speed Ethernet packet switching
 • Allow conversion between different protocols
■ Flow control
 • Support partitioning function
 • Support back-pressure while lack of internal resources
 • Support 802.3x PAUSE function in full duplex mode
 • Support up to 4-port trunking for 800Mbps bandwidth
■ Advanced Address Learning and Searching
 • Self learning mechanism
 • Cache 128 address entries internally
 • Record up-to 16K Uni-cast MAC addresses and unlimited Multicast and Broadcast addresses
 • Automatic aging scheme
 • Broadcast filtering rate control
■ Expansion Bus
 • Up-to 8 SW devices can be cascaded via expansion bus without extra logic
 • Full duplex mode transfer
 • Less Bus overhead
 • Automatic flow control
■ Complete status report to a simple LED interface
■ Suitable for low cost Switch market to replace Hub
■ 0.35m process, 3.3V with 5V tolerant I/O
■ 208-pin PQFP package




Similar Part No. - DM8108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
6-Bit Unified Bus Comparator
logo
Texas Instruments
DM8147BCIS0 TI1-DM8147BCIS0 Datasheet
2Mb / 377P
DaVinci Video Processors
DM8147SCIS0 TI1-DM8147SCIS0 Datasheet
2Mb / 377P
DaVinci Video Processors
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
3-STATE Octal Buffer
More results


Similar Description - DM8108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
Eight-port 10/100M Ethernet Switch Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
Zarlink Semiconductor I...
EA-224 ZARLINK-EA-224 Datasheet
519Kb / 29P
4-Port 10/100M Ethernet Access Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
Davicom Semiconductor, ...
DM9620 DAVICOM-DM9620 Datasheet
455Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I Datasheet
447Kb / 71P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620I DAVICOM-DM9620I_1 Datasheet
57Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9621 DAVICOM-DM9621 Datasheet
476Kb / 66P
USB2.0 to 10/100M Fast Ethernet Controller
DM9620AEP DAVICOM-DM9620AEP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
DM9621ANP DAVICOM-DM9621ANP Datasheet
58Kb / 2P
USB2.0 to 10/100M Fast Ethernet Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com