Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B125S Datasheet (PDF) - Semikron International

B125S Datasheet PDF - Semikron International
Part # B125S
Download  B125S Download
File Size   164.84 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface Mount Si-Bridge Rectifiers

B125S Datasheet (PDF)

Go To PDF Page Download Datasheet
B125S Datasheet PDF - Semikron International

Part # B125S
Download  B125S Click to download

File Size   164.84 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface Mount Si-Bridge Rectifiers

B125S Datasheet (HTML) - Semikron International


B125S Product details

Forward Current: 1,0 A
Reverse Voltage: 80 to 1000 V

Features
• max. solder temperature 260 °C
• UL recognized, file no. E63532
• Standard packing taped and reeled




Similar Part No. - B125S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B125S DIOTEC-B125S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
B125S BILIN-B125S Datasheet
176Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
B125S DIOTEC-B125S Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B125S DIOTEC-B125S Datasheet
106Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
logo
Shenzhen Luguang Electr...
B125S LUGUANG-B125S Datasheet
203Kb / 2P
Glass Passivated Silicon Bridge Rectifiers
More results


Similar Description - B125S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 DIOTEC-S40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MS40 DIOTEC-MS40_11 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com