Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB35-01 Datasheet (PDF) - Semikron International

DB35-01 Datasheet PDF - Semikron International
Part # DB35-01
Download  DB35-01 Download
File Size   256.52 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Three-Phase Si-Bridge Rectifiers

DB35-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB35-01 Datasheet PDF - Semikron International

Part # DB35-01
Download  DB35-01 Click to download

File Size   256.52 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Three-Phase Si-Bridge Rectifiers

DB35-01 Datasheet (HTML) - Semikron International


DB35-01 Product details

Three-Phase Si-Bridge Rectifiers

Forward Current: 35 A
Reverse Voltage: 50 to 1600 V

Features
• Max. solder tmeperature: 260°C, max. 5s
• UL recognized, file no. E63532
• VISO > 2500 V




Similar Part No. - DB35-01

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB35-01 DIOTEC-DB35-01 Datasheet
177Kb / 2P
Three-Phase Si-Bridge Rectifiers
DB35-01 DIOTEC-DB35-01 Datasheet
97Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-01 SEMIKRON-DB35-01 Datasheet
260Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB35-01 DIOTEC-DB35-01 Datasheet
215Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results


Similar Description - DB35-01

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DBI20-04B DIOTEC-DBI20-04B_15 Datasheet
130Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com