Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-LS1034 Datasheet (PDF) - Sanyo Semicon Device

DL-LS1034 Datasheet PDF - Sanyo Semicon Device
Part # DL-LS1034
Download  DL-LS1034 Download
File Size   43.37 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RED LASER DIODE

DL-LS1034 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-LS1034 Datasheet PDF - Sanyo Semicon Device

Part # DL-LS1034
Download  DL-LS1034 Click to download

File Size   43.37 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RED LASER DIODE

DL-LS1034 Datasheet (HTML) - Sanyo Semicon Device


DL-LS1034 Product details

Features
• Short wavelength : 635 nm (Typ.)
• High output power : 20 mW CW
• Low threshold current : Ith = 40 mA (Typ.)
• Low operating voltage : Vop = 2.3 V (Typ.)

Applications
   Line marker,Leveler




Similar Part No. - DL-LS1034

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS1030 SANYO-DL-LS1030 Datasheet
25Kb / 1P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-LS1035 SANYO-DL-LS1035 Datasheet
32Kb / 2P
RED LASER DIODE
More results


Similar Description - DL-LS1034

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com