Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4612 Datasheet (PDF) - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AO4612 Datasheet PDF - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Part # AO4612
Download  AO4612 Download
File Size   2720.31 Kbytes
Page   7 Pages
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Description N-Chanel and P-Channel MOSFET use advanced trench technology

AO4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4612 Datasheet PDF - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AO4612
Download  AO4612 Click to download

File Size   2720.31 Kbytes
Page   7 Pages
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Description N-Chanel and P-Channel MOSFET use advanced trench technology

AO4612 Datasheet (HTML) - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.


AO4612 Product details

Description:
This N-Chanel and P-Channel MOSFET use advanced trench technology to provide excellent RDS(ON), low gate charge. This device may be used to form a level shifted high side switch, and for a host of other application.

Features:
   N-Channel: VDS=60V,ID=4.5A,RDS(ON)<40mΩ @VGS=10V
   P-Channel: VDS=-60V,ID=-4.1A,RDS(ON)<90mΩ @VGS=-10V
   1) High Power and current handing capability.
   2) Lead free product is acquired.
   3) Surface Mount Package.




Similar Part No. - AO4612

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
482Kb / 9P
60V Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4612 KEXIN-AO4612 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4612-HF KEXIN-AO4612-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4612L AOSMD-AO4612L Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4612

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4534C DOINGTER-AM4534C Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
AP4543GEM-HF DOINGTER-AP4543GEM-HF Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
SSG4543C DOINGTER-SSG4543C Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
STC4567 DOINGTER-STC4567 Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
UM4305 DOINGTER-UM4305 Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
UP2790G-S08-R DOINGTER-UP2790G-S08-R Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
UTT10NP06L-S08-R DOINGTER-UTT10NP06L-S08-R Datasheet
3Mb / 7P
N-Chanel and P-Channel MOSFET use advanced trench technology
VSO030C04MC DOINGTER-VSO030C04MC Datasheet
3Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
VSO050M04MD DOINGTER-VSO050M04MD Datasheet
2Mb / 5P
N-Chanel and P-Channel MOSFET use advanced trench technology
WSP4606 DOINGTER-WSP4606 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com