Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4840 Datasheet (PDF) - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AO4840 Datasheet PDF - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Part # AO4840
Download  AO4840 Download
File Size   1283.09 Kbytes
Page   4 Pages
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Description Dual N-Channel MOSFET uses advanced trench technology

AO4840 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4840 Datasheet PDF - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AO4840
Download  AO4840 Click to download

File Size   1283.09 Kbytes
Page   4 Pages
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.
Description Dual N-Channel MOSFET uses advanced trench technology

AO4840 Datasheet (HTML) - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.


AO4840 Product details

Description:
This Dual N-Channel MOSFET uses advanced trench technology and design to provide excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.

Features:
1) VDS=40V,ID=7A,RDS(ON)<32mΩ @VGS=4.5V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.




Similar Part No. - AO4840

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4840 AOSMD-AO4840 Datasheet
774Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO4840 AOSMD-AO4840 Datasheet
316Kb / 5P
40V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4840 KEXIN-AO4840 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4840 VBSEMI-AO4840 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Youtai Semico...
AO4840 UMW-AO4840 Datasheet
316Kb / 8P
Dual N-Channel 60 V (D-S) MOSFET
More results


Similar Description - AO4840

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AP9965GEM DOINGTER-AP9965GEM Datasheet
552Kb / 4P
Dual N-Channel MOSFET uses advanced trench technology
DTM4936 DOINGTER-DTM4936 Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
HAT2057RA DOINGTER-HAT2057RA Datasheet
2Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
QM3208S DOINGTER-QM3208S Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
SI4286DY DOINGTER-SI4286DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
SSG4942N DOINGTER-SSG4942N Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6914 DOINGTER-STM6914 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6920A DOINGTER-STM6920A Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STS2DNF30L DOINGTER-STS2DNF30L Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
TPC8227-H DOINGTER-TPC8227-H Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com