Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6264AFP-12 Datasheet (PDF) - Hitachi Semiconductor

HM6264AFP-12 Datasheet PDF - Hitachi Semiconductor
Part # HM6264AFP-12
Download  HM6264AFP-12 Download
File Size   54.36 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8192-word x 8-bit High Speed CMOS Static RAM

HM6264AFP-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6264AFP-12 Datasheet PDF - Hitachi Semiconductor

Part # HM6264AFP-12
Download  HM6264AFP-12 Click to download

File Size   54.36 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8192-word x 8-bit High Speed CMOS Static RAM

HM6264AFP-12 Datasheet (HTML) - Hitachi Semiconductor


HM6264AFP-12 Product details

Features
• Low-power standby
    — 0.1 mW (typ)
    — 10 µW (typ) L-/LL-version
• Low power operation
    — 15 mW/MHz (typ)
• Fast access time
    — l00/120/150 ns (max)
• Single +5 V supply
• Completely static memory
    — No clock or timing strobe required
• Equal access and cycle time
• Common data input and output, three-state output
• Directly TTL compatible
    — All inputs and outputs
• Battery back up operation capability (L-/LL-version)




Similar Part No. - HM6264AFP-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
8192-word x 8-bit High Speed CMOS Static RAM
More results


Similar Description - HM6264AFP-12

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
65536-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BTM SONY-CXK5V8257BTM Datasheet
204Kb / 9P
32768-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6264LP-70 HITACHI-HM6264LP-70 Datasheet
592Kb / 8P
8192-word x 8-bit High Speed CMOS Static RAM
HM62256A HITACHI-HM62256A Datasheet
71Kb / 11P
32,768-word x 8-bit High Speed CMOS Static RAM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Hitachi Semiconductor
HM628512AI HITACHI-HM628512AI Datasheet
509Kb / 17P
524288-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5863AP SONY-CXK5863AP Datasheet
291Kb / 7P
8192 word x 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com