Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSXCSA200 Datasheet (PDF) - Schneider Electric

TSXCSA200 Datasheet PDF - Schneider Electric
Part # TSXCSA200
Download  TSXCSA200 Download
File Size   130.95 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description UNI-TELWAY cable - screened twisted double pair - 200 m

TSXCSA200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSXCSA200 Datasheet PDF - Schneider Electric

Part # TSXCSA200
Download  TSXCSA200 Click to download

File Size   130.95 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description UNI-TELWAY cable - screened twisted double pair - 200 m

TSXCSA200 Datasheet (HTML) - Schneider Electric




Similar Part No. - TSXCSA200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TSXCSA100 SCHNEIDER-TSXCSA100 Datasheet
131Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 100 m
DEC 31, 2021
TSXCSA500 SCHNEIDER-TSXCSA500 Datasheet
132Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 500 m
DEC 31, 2021
More results


Similar Description - TSXCSA200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD1015 ETC2-PD1015 Datasheet
129Kb / 1P
Twisted Multipair Cables Screened
SPC19838 ETC2-SPC19838 Datasheet
88Kb / 1P
Cat5 Cable, Unshielded Twisted Pair, TIA/EIA 568A
PP001164 ETC2-PP001164 Datasheet
162Kb / 1P
LSZH 300V Screened Single Pair Low Capacitance Computer Cable
XBTZ9780 ETC2-XBTZ9780 Datasheet
48Kb / 1P
Uni-Telway/Modbus serial link
logo
Schneider Electric
TSXCSA100 SCHNEIDER-TSXCSA100 Datasheet
131Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 100 m
DEC 31, 2021
TSXCSA500 SCHNEIDER-TSXCSA500 Datasheet
132Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 500 m
DEC 31, 2021
STBXCA4002 SCHNEIDER-STBXCA4002 Datasheet
118Kb / 2P
Modicon STB - RS232C shielded twisted pair cable
Apr 12, 2022
XBTZ918 SCHNEIDER-XBTZ918 Datasheet
106Kb / 2P
Uni-Telway connecting cable - L = 2.5m - 2 male SUB-D 25
May 2, 2022
XBTZ9780 SCHNEIDER-XBTZ9780 Datasheet
107Kb / 2P
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022
XBTZ9782 SCHNEIDER-XBTZ9782 Datasheet
106Kb / 2P
Uni-Telway/Modbus serial link - L = 10 m - 1 male mini DIN 1 RJ45
May 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com