| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
TLE4678
|
642Kb / 31P |
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009 |
|
TLE4275
|
228Kb / 17P |
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19 |
|
TLE4675
|
570Kb / 25P |
Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008 |
|
TLE4699
|
1Mb / 31P |
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30 |
|
TLE4291E
|
1Mb / 28P |
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03 |
|
TLE4678-2
|
2Mb / 33P |
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03 |
|
TLE4678
|
1Mb / 37P |
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17 |
|
TLF4277-2
|
1Mb / 25P |
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13 |
|
TLE4678-2EL
|
1Mb / 33P |
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07 |
|
TLE4699GM
|
1Mb / 31P |
Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30 |