| Manufacturer | Part # | Datasheet | Description |
 3M Electronics |
1776
|
133Kb / 2P |
3MTM Single Coated Medical White Nonwoven Tape on Liner
Jan-2020 |
|
1530L
|
48Kb / 2P |
3MTM Medical White Rayon Nonwoven Tape on Liner
Aug-2013 |
|
1533L
|
48Kb / 2P |
3MTM Medical Tan Rayon Nonwoven Tape on Liner
Jun-2011 |
|
1538L
|
51Kb / 2P |
3MTM Medical Rayon Woven Tape on Liner
Feb-2007 |
|
2475P
|
46Kb / 2P |
3MTM Single Coated Medical Silicone Adhesive Tape on Liner
Mar-2013 |
|
9835
|
48Kb / 2P |
3MTM Single Coated Medical Tape
Aug-2013 |
|
9836
|
46Kb / 2P |
3MTM Single Coated Polyurethane Medical Tape on Poly Carrier with Liner
May-2014 |
|
9917
|
48Kb / 2P |
3MTM Medical Nonwoven Tape
Aug-2013 |
|
9907HTW
|
83Kb / 2P |
3MTM White Nonwoven Medical Tape
May-2016 |
|
9916
|
47Kb / 2P |
3MTM Medical Tan Nonwoven Tape
Aug-2013 |