Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD-S589B Datasheet (PDF) - NEC

OD-S589B Datasheet PDF - NEC
Part # OD-S589B
Download  OD-S589B Download
File Size   83.36 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SMT-InGaAs PIN-Amp Module

OD-S589B Datasheet (PDF)

Go To PDF Page Download Datasheet
OD-S589B Datasheet PDF - NEC

Part # OD-S589B
Download  OD-S589B Click to download

File Size   83.36 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SMT-InGaAs PIN-Amp Module

OD-S589B Datasheet (HTML) - NEC


OD-S589B Product details

FEATURES
■ Surface Mountable.
■ Small Size Flat Ceramic Package (7.6 x 12.7 x 3 mm).
■ Operating Speed :
    OD-S589A (155 Mbps : STM-1/OC3)
    OD-S589B (622 Mbps : STM-4/OC12)
■ High Sensitivity.
■ Differential Outputs.
■ Internal Supply Bypass Capacitor
■ Wide Operating Temperature Range : - 40 to + 85°C..
■ Detachable Pigtail Interface.
■ Single Supply Voltage from 3.0 to 3.5V.

APPLICATION
■ Subscriber Loop.
■ Telecommunications.
■ Data Communications.
■ Local Area Networks.




Similar Part No. - OD-S589B

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
OD-S5 YIC-OD-S5 Datasheet
294Kb / 1P
OD-S5 Series : Programmable LVDS Crystal Clock Oscillator 5.0x3.2mm
logo
NEC
OD-S559 NEC-OD-S559 Datasheet
251Kb / 3P
1310nm DFB-LD Module
More results


Similar Description - OD-S589B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
InGaAs PIN photodiode
logo
Optoway Technology Inc
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-FA OPTOWAY-PDA-1500-FA Datasheet
61Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
logo
Advanced Photonix, Inc.
P-20A ADVANCEDPHOTONIX-P-20A Datasheet
102Kb / 2P
An ultrafast, InGaAs PIN photodetector module
P-15B ADVANCEDPHOTONIX-P-15B Datasheet
100Kb / 2P
An ultrafast, InGaAs PIN photodetector module
logo
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300_09 Datasheet
116Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-SA OPTOWAY-PDA-1500-SA Datasheet
111Kb / 3P
InGaAs PIN Photodiode Module for CATV Receiver
PDA-1500-XA OPTOWAY-PDA-1500-XA Datasheet
68Kb / 2P
InGaAs PIN Photodiode Module for CATV Receiver
logo
List of Unclassifed Man...
CIPRM ETC2-CIPRM Datasheet
632Kb / 5P
Coherent InGaAs PIN balanced receiver module
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com