Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9865A Datasheet (PDF) - 3M Electronics

9865A Datasheet PDF - 3M Electronics
Part # 9865A
Download  9865A Download
File Size   48.48 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Single Coated Medical Tape

9865A Datasheet (PDF)

Go To PDF Page Download Datasheet
9865A Datasheet PDF - 3M Electronics

Part # 9865A
Download  9865A Click to download

File Size   48.48 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Single Coated Medical Tape

9865A Datasheet (HTML) - 3M Electronics


9865A Product details

Features
■ Printable
■ Midweight Liner for Converting Ease
■ Translucent Matte Finish
■ Hypoallergenic, No Natural Rubber Latex
■ Light Adhesive Coating
■ Gamma & EtO Compatible
■ Conformable Composition: Tape Caliper, no liner 3.8 mil (0.10 mm) Printable Polyethylene Tape Backing 3.0 mil (0.08 mm) Translucent Polyethylene Film Adhesive Acrylate designed for medical/surgical use Liner 54 lb. Bleached Kraft Paper, silicone on one side (3.2 mils/0.08 mm) Typical Properties+: Adhesion to Steel, 180° Peel 19 ounces/inch width (0.5 Kg/25mm width) (5.3 N/25mm width) Liner Release 5 gm/inch width (5 gm/25 mm width) +3M test methods are available upon request. Roll Description: Tape supplied on 3 inch (76 mm) diameter cores. Length, Maximum 1250 yards (1143 meters) ± 2% Width, Maximum 48 inch (122 cm) ± 1/32 in (1.0 mm) Splices: Splices on the tape are intended for continuous processing. Roll Width Maximum Number of Splices per Roll < 8 inch (20 cm) 2 per 100 yd (91 m) 3 per 200 yd (183 m) 8 per 1250 yd (1143 m) Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon request. Packaging and Recommended Storage: Product as supplied in original packaging will maintain stated properties for a period of two years from date stamped on shipping container when stored at temperatures of 50-80°F (10-27°C) and relative humidity of 40-60 percent. Please see reverse side for important product, safety and warranty information.




Similar Part No. - 9865A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9865 3M-9865 Datasheet
49Kb / 2P
3M™ Single Coated Printable Medical Tape
Aug-2013
logo
Schurter Inc.
9865.1200 SCHURTER-9865.1200 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
9865.1300 SCHURTER-9865.1300 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
logo
KNIPEX
986540 KNIPEX-986540 Datasheet
101Kb / 1P
Electricians Gloves Insulated
05.07.2021
986541 KNIPEX-986541 Datasheet
101Kb / 1P
Electricians Gloves Insulated
05.07.2021
More results


Similar Description - 9865A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1521 3M-1521 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Jul-2013
1525L 3M-1525L Datasheet
48Kb / 2P
3M™ Single Coated Medical Tape
Jun-2013
1527ENP 3M-1527ENP Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Jul-2013
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9865 3M-9865 Datasheet
49Kb / 2P
3M™ Single Coated Printable Medical Tape
Aug-2013
9952 3M-9952 Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
4108 3M-4108 Datasheet
161Kb / 6P
3M™ Single-Coated Urethane Foam Tape 4108
May-2008
9443NP 3M-9443NP Datasheet
141Kb / 6P
3M™ Double Coated Tape
Jul-2006
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com