Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8322Z18 Datasheet (PDF) - GSI Technology

GS8322Z18 Datasheet PDF - GSI Technology
Part # GS8322Z18
Download  GS8322Z18 Download
File Size   763.75 Kbytes
Page   38 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 36Mb Pipelined and Flow Through Synchronous NBT SRAM

GS8322Z18 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS8322Z18 Datasheet PDF - GSI Technology

Part # GS8322Z18
Download  GS8322Z18 Click to download

File Size   763.75 Kbytes
Page   38 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 36Mb Pipelined and Flow Through Synchronous NBT SRAM

GS8322Z18 Datasheet (HTML) - GSI Technology


GS8322Z18 Product details

Functional Description
The GS8322Z18/36/72 is a 36Mbit Synchronous Static SRAM. GSIs NBT SRAMs, like ZBT, NtRAM, NoBL or other pipelined read/double late write or flow through read/ single late write SRAMs, allow utilization of all available bus bandwidth by eliminating the need to insert deselect cycles when the device is switched from read to write cycles.

Features
• NBT (No Bus Turn Around) functionality allows zero wait
   Read-Write-Read bus utilization; fully pin-compatible with
   both pipelined and flow through NtRAM™, NoBL™ and
   ZBT™ SRAMs
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2Mb, 4Mb, 8Mb, and 16Mb devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 119-, 165- or 209-Bump BGA package




Similar Part No. - GS8322Z18

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8322Z18B-133IV GSI-GS8322Z18B-133IV Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-133V GSI-GS8322Z18B-133V Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-150IV GSI-GS8322Z18B-150IV Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-150V GSI-GS8322Z18B-150V Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-166IV GSI-GS8322Z18B-166IV Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Similar Description - GS8322Z18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
36Mb Pipelined and Flow Through Synchronous NBT SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com