Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-450X Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-450X Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-450X
Download  HDSP-450X Download
File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights

HDSP-450X Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-450X Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-450X
Download  HDSP-450X Click to download

File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights

HDSP-450X Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-450X Product details

Description

The large 5 X 7 dot matrix alpha numeric display family consists of 26.5 mm (1.04 inch) and 17.3 mm (0.68 inch) character height packages. These devices have excellent viewability; the 26.5 mm character can be read at up to 18 meters (12 meters for the 0.68 inch part).

The 26.5 mm font has a 10.2 mm (0.4 inch) dual-in-line (DIP) configuration, while the 17.3 mm font has an industry standard 7.6 mm (0.3 inch) DIP configuration.

Applications include electronic instrumentation, computer peripherals, point of sale terminals, weighing scales, and industrial electronics.



Features

• Multiple Colors Available

• Large Character Height

• 5 X 7 Dot Matrix Font

• Viewable Up to 18 Meters (26.5 mm Display)

• X-Y Stackable

• Ideal for Graphics Panels

• Available in Common Row

   Anode and Common Row

   Cathode Configurations

• AlGaAs Displays Suitable for Low Power or Bright Ambients

   Typical Intensity 1650 mcd at 2 mA Average Drive Current

• Categorized for Intensity

• Mechanically Rugged

• Green Categorized for Color



 




Similar Part No. - HDSP-450X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4030 AVAGO-HDSP-4030 Datasheet
495Kb / 9P
Seven Segment Displays for High Light Ambient Conditions
HDSP-4031 AVAGO-HDSP-4031 Datasheet
495Kb / 9P
Seven Segment Displays for High Light Ambient Conditions
HDSP-4033 AVAGO-HDSP-4033 Datasheet
495Kb / 9P
Seven Segment Displays for High Light Ambient Conditions
HDSP-4036 AVAGO-HDSP-4036 Datasheet
495Kb / 9P
Seven Segment Displays for High Light Ambient Conditions
HDSP-4130 AVAGO-HDSP-4130 Datasheet
495Kb / 9P
Seven Segment Displays for High Light Ambient Conditions
More results


Similar Description - HDSP-450X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
2.0" 5 X 7 DOT MATRIX DISPLAYS
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
1.2 5 x 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com