Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF228ST Datasheet (PDF) - Zarlink Semiconductor Inc

MF228ST Datasheet PDF - Zarlink Semiconductor Inc
Part # MF228ST
Download  MF228ST Download
File Size   218.16 Kbytes
Page   6 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 850 nm, 50 MHz High Performance LED

MF228ST Datasheet (PDF)

Go To PDF Page Download Datasheet
MF228ST Datasheet PDF - Zarlink Semiconductor Inc

Part # MF228ST
Download  MF228ST Click to download

File Size   218.16 Kbytes
Page   6 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description 850 nm, 50 MHz High Performance LED

MF228ST Datasheet (HTML) - Zarlink Semiconductor Inc




Similar Part No. - MF228ST

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2207 RIEDON-MF2207 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
MF2207 RIEDON-MF2207 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MF220711KOHM RIEDON-MF220711KOHM Datasheet
172Kb / 1P
Precision / Metal Film Resistors
logo
GS Yuasa Battery Sales ...
MF222 GSYUASABATTERY-MF222 Datasheet
303Kb / 1P
Capacity (20-hour) 135Ah
logo
Hirose Electric
MF22S-T2 HIROSE-MF22S-T2 Datasheet
356Kb / 9P
Harsh Environment Fiber Optic Connectors
More results


Similar Description - MF228ST

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF272 ZARLINK-MF272 Datasheet
218Kb / 6P
810 nm - 70 MHz High Performance LED
MF194 ZARLINK-MF194 Datasheet
251Kb / 8P
860 nm - 70 MHz High Performance LED
MF436 ZARLINK-MF436 Datasheet
249Kb / 7P
1300 nm - 50 MHz High Performance LED
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
OSRAM GmbH
SFH7251 OSRAM-SFH7251 Datasheet
361Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
SFH-7251 OSRAM-SFH-7251 Datasheet
485Kb / 15P
Infrared Emitter (850 nm) and green GaP-LED (570 nm)
logo
ams AG
SFH4059SR AMSCO-SFH4059SR Datasheet
764Kb / 17P
Chip LED Lens High Power Infrared Emitter (850 nm)
Version 1.5 2021-09-30
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com