Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06542 Datasheet (PDF) - 3M Electronics

06542 Datasheet PDF - 3M Electronics
Part # 06542
Download  06542 Download
File Size   45.38 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Highland™ Masking Tape 2727

06542 Datasheet (PDF)

Go To PDF Page Download Datasheet
06542 Datasheet PDF - 3M Electronics

Part # 06542
Download  06542 Click to download

File Size   45.38 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Highland™ Masking Tape 2727

06542 Datasheet (HTML) - 3M Electronics


06542 Product details

Description
Highland™ Masking Tape 2727, a natural-colored tan crepe-paper masking tape, is designed specifically for automotive repairs and refinishing. Features, Advantages, Benefits

Features
■ Proprietary adhesive 1. Smooth crepe paper backing 2. Backing saturant 3. Special backsize treatment 4. Advantages Instant adhesion, good holding power and excellent adhesive transfer 1. resistance Smoothness, dead stretch, conformability 2. Solvent and moisture resistance, easy tear and sliver resistance 3. Controlled unwind 4. Benefits Sticks easily for faster application, resists lifting or curling reducing rework, 1. clean removal helps reduce labor Good surface contact for secure holding, minimal recovery helps reduce 2. reworks, easy handling minimizes labor time Easy to use helps reduce time and waste 3. Typical Physical Properties Adhesion to Steel 35 ounces/inch width ASTM D-3330 Tensile Strength 24 lbs/inch width ASTM D-3759 Elongation at Break 9% ASTM D-3759 Tape Thickness 7.4 mil ASTM D-3652 Temperature use Range Up to 250 degrees F (121 degrees C) for up to 1 hour




Similar Part No. - 06542

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
06540 ETC2-06540 Datasheet
357Kb / 3P
Wide-Vue Style Analog Panel Meters
logo
ITT Industries
065490-0001 ITT-065490-0001 Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065490-0001W ITT-065490-0001W Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
More results


Similar Description - 06542

ManufacturerPart #DatasheetDescription
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
8985L 3M-8985L Datasheet
118Kb / 6P
3M??Anodization Masking Tape 8985L
234 3M-234 Datasheet
129Kb / 5P
3M??General Purpose Masking Tape 234
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com