Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVPAWED40 Datasheet (PDF) - Panasonic Semiconductor

EVPAWED40 Datasheet PDF - Panasonic Semiconductor
Part # EVPAWED40
Download  EVPAWED40 Download
File Size   297.32 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Tactile Switches 3.0 mm x 2.0 mm SMD

EVPAWED40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVPAWED40 Datasheet PDF - Panasonic Semiconductor

Part # EVPAWED40
Download  EVPAWED40 Click to download

File Size   297.32 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Tactile Switches 3.0 mm x 2.0 mm SMD

EVPAWED40 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - EVPAWED40

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAW PANASONIC-EVPAW Datasheet
130Kb / 4P
3.0 mm횞2.0 mm SMD Light Touch Switches
201902-Fd
More results


Similar Description - EVPAWED40

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT3-G BITECH-SWT3-G Datasheet
356Kb / 5P
Tactile Switches, 6 X 3.5 mm RoHS Compliant SMD
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
Kingbright Corporation
APBDA3020QBDCGKC-GX KINGBRIGHT-APBDA3020QBDCGKC-GX Datasheet
304Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com