Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5980 Datasheet (PDF) - 3M Electronics

5980 Datasheet PDF - 3M Electronics
Part # 5980
Download  5980 Download
File Size   268.54 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ VHB™ Tape 5980, 5980WT

5980 Datasheet (PDF)

Go To PDF Page Download Datasheet
5980 Datasheet PDF - 3M Electronics

Part # 5980
Download  5980 Click to download

File Size   268.54 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ VHB™ Tape 5980, 5980WT

5980 Datasheet (HTML) - 3M Electronics


5980 Product details

Applications
■ Lens bonding
■ LCM attachment
■ Touch panel bonding
■ Bezel bonding Application Techniques For maximum bond strength the surfaces should be thoroughly cleaned with a 50:50 mixture of isopropyl alcohol and water. Consult manufacturer’s directions for use and precautions when using cleaning solvents. Ideal tape application is accomplished when temperature is between 21° and 38°C (between 70° and 100°F) and the bond is allowed to dwell 72 hours. Initial tape application to surfaces at temperatures below 10°C (50°F) is not recommended. 3M™ VHB™ Tape 5980, 5980WT Property Value Adhesive Modified Acrylic Thickness 5980(WT)-015: 0.15 mm (0.006 in) 5980(WT)-020: 0.20 mm (0.008 in) 5980(WT)-025: 0.25 mm (0.010 in) 5980(WT)-030: 0.30 mm (0.012 in) Density 910 kg/m3 (57 lb/ft3) Thickness Tolerance: (approx.) +/- 15% Liners Liner 1 (tight): 0.075 mm (0.003 in) Liner 2 (easy): 0.05 mm (0.002 in) Tape Color 5980 Black, 5980WT White Technical Data | September 2017




Similar Part No. - 5980

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5980-0489E KEYSIGHT-5980-0489E Datasheet
1Mb / 32P
Pulse Pattern and Function
logo
ebm-papst
5980-508 EBMPAPST-5980-508 Datasheet
443Kb / 1P
TUBEAXIAL
logo
Fair-Rite Products Corp...
5980000201 FAIR-RITE-5980000201 Datasheet
1Mb / 2P
Uncoated Ferrite Core Toroid Type Length Width 0.374" (9.50mm) Diameter 0.125" (3.18mm) Height
5980001001 FAIR-RITE-5980001001 Datasheet
1Mb / 2P
Uncoated Ferrite Core Toroid Type Length Width Diameter 0.295" (7.49mm) Height
5980001801 FAIR-RITE-5980001801 Datasheet
1Mb / 2P
Uncoated Ferrite Core Toroid Type Length Width 0.870" (22.10mm) Diameter 0.250" (6.35mm) Height
More results


Similar Description - 5980

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
3M??VHB??Tape
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M??VHB??Tape LSE Series
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-110GF
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
3M??VHB??Tape GPH-060GF
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com