Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1211 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1211 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1211
Download  G1211 Download
File Size   212.93 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, 100mA Output Op Amp

G1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1211 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1211
Download  G1211 Click to download

File Size   212.93 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Rail-to-Rail I/O, 100mA Output Op Amp

G1211 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1211 Product details

General Description
G1211 is a input/output rail-to-rail Operational Amplifier. It can be operated from +2.2V to +5.5V single supply or from ±1.1V to ±2.75 dual supply. G1211 can drive 66mA into resistor loads to within 10% power rail. AC performance is very excellent with 6.5MHz bandwidth, 6.5V/µs Slew Rate, 95dB open loop gain, 60 degree phase margin and low distortion.

Features
■ +2.2V to +5.5V Single-Supply Operation
■ Input / Output Rail-to-Rail
■ Low input current
■ High output driving capacity
■ Low Quiescent Current: 500µA @ 5V
■ High Slew rate 6.5V/µs
■ High Gain-Bandwidth Product 6.5MHz
■ High Open Loop Gain 95dB
■ High PSRR 70dB

Applications
■ Headphone Driver
■ Portable Equipment
■ Battery-Powered Equipment
■ Multimedia Audio
■ ASIC Input or Output Amplifier
■ Sensor Amplifier
■ Low Power/Low Voltage Applications




Similar Part No. - G1211

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
G1210 ISC-G1210 Datasheet
238Kb / 2P
Standard Recovery Diodes
G1210R ISC-G1210R Datasheet
238Kb / 2P
Standard Recovery Diodes
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
MORNSUN Science& Techno...
G1212D-1W MORNSUN-G1212D-1W Datasheet
130Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
G1212D-2W MORNSUN-G1212D-2W Datasheet
138Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Similar Description - G1211

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com