Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD784218A Datasheet (PDF) - NEC

UPD784218A Datasheet PDF - NEC
Part # UPD784218A
Download  UPD784218A Download
File Size   371.66 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784218A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784218A Datasheet PDF - NEC

Part # UPD784218A
Download  UPD784218A Click to download

File Size   371.66 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784218A Datasheet (HTML) - NEC


UPD784218A Product details

DESCRIPTION
The µPD78F4938A is a product in the µPD784938A Subseries in the 78K/IV Series.
The µPD78F4938A has flash memory in place of the internal ROM of the µPD784938A. The flash memory incorporated enables program writing or erasing with the microcontroller mounted on the target board.

FEATURES
• Pin-compatible with mask ROM version (except VPP pin)
• Flash memory: 256 KB
• Internal RAM: 10496 bytes
• Serial interface: 4 channels
   • UART/IOE (3-wire serial I/O): 2 channels (on-chip baud rate generator)
   • CSI (3-wire serial I/O): 2 channels
• On-chip IEBusTM controller
• Supply voltage: VDD = 4.0 to 5.5 V (@12.58 MHz operation)
                       VDD = 3.0 to 5.5 V (@6.29 MHz operation)
     
APPLICATION
  Car audio, etc.




Similar Part No. - UPD784218A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784218A NEC-UPD784218A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218A NEC-UPD784218A Datasheet
349Kb / 60P
MOS INTEGRATED CIRCUIT
UPD784218AGC NEC-UPD784218AGC Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218AGF NEC-UPD784218AGF Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218AY NEC-UPD784218AY Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD784218A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com