Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4R9ZIT6SXXX Datasheet (PDF) - STMicroelectronics

STM32L4R9ZIT6SXXX Datasheet PDF - STMicroelectronics
Part # STM32L4R9ZIT6SXXX
Download  STM32L4R9ZIT6SXXX Download
File Size   5991.31 Kbytes
Page   307 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS

STM32L4R9ZIT6SXXX Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L4R9ZIT6SXXX Datasheet PDF - STMicroelectronics

Part # STM32L4R9ZIT6SXXX
Download  STM32L4R9ZIT6SXXX Click to download

File Size   5991.31 Kbytes
Page   307 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS

STM32L4R9ZIT6SXXX Datasheet (HTML) - STMicroelectronics


STM32L4R9ZIT6SXXX Product details

Features
■ Ultra-low-power with FlexPowerControl – 1.71 V to 3.6 V power supply – -40 °C to 85/125 °C temperature range – Batch acquisition mode (BAM) – 305 nA in VBAT mode: supply for RTC and 32x32-bit backup registers – 33 nA Shutdown mode (5 wakeup pins) – 125 nA Standby mode (5 wakeup pins) – 420 nA Standby mode with RTC – 2.8 μA Stop 2 with RTC – 110 μA/MHz Run mode (LDO mode) – 43 μA/MHz Run mode (@ 3.3 V SMPS mode) – 5 µs wakeup from Stop mode – Brownout reset (BOR) in all modes except shutdown – Interconnect matrix
■ Core: Arm® 32-bit Cortex®-M4 CPU with FPU, adaptive real-time accelerator (ART Accelerator) allowing 0-wait-state execution from Flash memory, frequency up to 120 MHz, MPU, 150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
■ Performance benckmark – 1.25 DMIPS/MHz (Drystone 2.1) – 409.20 Coremark® (3.41 Coremark/MHz @120 MHz)
■ Energy benckmark – 233 ULPMark™CP score – 56.5 ULPMark™PP score
■ Clock sources – 4 to 48 MHz crystal oscillator – 32 kHz crystal oscillator for RTC (LSE) – Internal 16 MHz factory-trimmed RC (±1%) – Internal low-power 32 kHz RC (±5%) – Internal multispeed 100 kHz to 48 MHz oscillator, auto-trimmed by LSE (better than ±0.25 % accuracy) – Internal 48 MHz with clock recovery – 3 PLLs for system clock, USB, audio, ADC
■ RTC with HW calendar, alarms and calibration
■ Up to 24 capacitive sensing channels: support touchkey, linear and rotary touch sensors
■ Advanced graphics features – Chrom-ART Accelerator (DMA2D) for enhanced graphic content creation – Chrom-GRC (GFXMMU) allowing up to 20% of graphic resources optimization – MIPI® DSI Host controller with two DSI lanes running at up to 500 Mbits/s each – LCD-TFT controller
■ 16x timers: 2 x 16-bit advanced motor-control, 2 x 32-bit and 5 x 16-bit general purpose, 2x 16-bit basic, 2x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
■ Up to 136 fast I/Os, most 5 V-tolerant, up to 14 I/Os with independent supply down to 1.08 V
■ Memories – 2-Mbyte Flash, 2 banks read-while-write, proprietary code readout protection – 640 Kbytes of SRAM including 64 Kbytes with hardware parity check – External memory interface for static memories supporting SRAM, PSRAM, NOR, NAND and FRAM memories – 2 x OctoSPI memory interface
■ 4x digital filters for sigma delta modulator UFBGA132 (7 × 7) LQFP144 (20 × 20) UFBGA169 (7 x 7) LQFP100 (14 x 14) UFBGA144 (10 x 10) WLCSP144




Similar Part No. - STM32L4R9ZIT6SXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L4R9ZIT6 STMICROELECTRONICS-STM32L4R9ZIT6 Datasheet
5Mb / 306P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
19-Jan-2018
STM32L4R9ZIT6P STMICROELECTRONICS-STM32L4R9ZIT6P Datasheet
5Mb / 306P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
19-Jan-2018
STM32L4R9ZIT6PTR STMICROELECTRONICS-STM32L4R9ZIT6PTR Datasheet
5Mb / 306P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
19-Jan-2018
STM32L4R9ZIT6PXXX STMICROELECTRONICS-STM32L4R9ZIT6PXXX Datasheet
5Mb / 306P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
19-Jan-2018
More results


Similar Description - STM32L4R9ZIT6SXXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
23-Jan-2020
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
16-May-2019
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com