Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2712Y Datasheet (PDF) - SHIKUES Electronics

2SC2712Y Datasheet PDF - SHIKUES Electronics
Part # 2SC2712Y
Download  2SC2712Y Download
File Size   2457.15 Kbytes
Page   4 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Low Noise, Complementary to 2SA1162

2SC2712Y Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2712Y Datasheet PDF - SHIKUES Electronics

Part # 2SC2712Y
Download  2SC2712Y Click to download

File Size   2457.15 Kbytes
Page   4 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Low Noise, Complementary to 2SA1162

2SC2712Y Datasheet (HTML) - SHIKUES Electronics


2SC2712Y Product details

FEATURES
    Low noise: NF=1dB (Typ.),10 dB(Max).
    Complementary to 2SA1162.
    High voltage and high current.
    High hFE linearity.

APPLICATIONS
    Audio frequency general purpose amplifier applications.




Similar Part No. - 2SC2712Y

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SC2712Y WEITRON-2SC2712Y Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
AiT Semiconductor Inc.
2SC2712Y AITSEMI-2SC2712Y Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
More results


Similar Description - 2SC2712Y

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
Silicon Complementary Transistors Low Noise, General Purpose Amplifier
NTE2402 NTE-NTE2402 Datasheet
21Kb / 2P
Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
logo
Micro Electronics
2N3548 MICRO-ELECTRONICS-2N3548 Datasheet
147Kb / 2P
COMPLEMENTARY SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Panasonic Semiconductor
2SA0921 PANASONIC-2SA0921 Datasheet
71Kb / 3P
For high breakdown voltage low-noise amplification Complementary
logo
MAKO SEMICONDUCTOR CO.,...
2SA1662 MAKOSEMI-2SA1662 Datasheet
88Kb / 2P
Complementary to KTC4374
logo
Toshiba Semiconductor
2SA1932 TOSHIBA-2SA1932 Datasheet
198Kb / 4P
complementary to 2sc5174
logo
First Silicon Co., Ltd
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTC3205 FS-FTC3205 Datasheet
205Kb / 2P
Complementary to FTA1273
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com