Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA20302 Datasheet (PDF) - Mallory Sonalert Products Inc

STA20302 Datasheet PDF - Mallory Sonalert Products Inc
Part # STA20302
Download  STA20302 Download
File Size   256.53 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 12 to 24 Vdc

STA20302 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA20302 Datasheet PDF - Mallory Sonalert Products Inc

Part # STA20302
Download  STA20302 Click to download

File Size   256.53 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 12 to 24 Vdc

STA20302 Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - STA20302

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA203A SANKEN-STA203A Datasheet
55Kb / 2P
1.2A 3 circuits Triac Array
More results


Similar Description - STA20302

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC648NDR MSPI-SC648NDR Datasheet
53Kb / 1P
Voltage Rating 12 to 48 VDC
MSE14LCM3 MSPI-MSE14LCM3 Datasheet
43Kb / 1P
Voltage Rating 7 to 14 VDC
MSE14LPS1 MSPI-MSE14LPS1 Datasheet
43Kb / 1P
Voltage Rating 7 to 14 VDC
MSE14MCM3S MSPI-MSE14MCM3S Datasheet
48Kb / 1P
Voltage Rating 7 to 14 VDC
MSE14MDP2S MSPI-MSE14MDP2S Datasheet
48Kb / 1P
Voltage Rating 7 to 14 VDC
MSE14MDP3S MSPI-MSE14MDP3S Datasheet
48Kb / 1P
Voltage Rating 7 to 14 VDC
STA20502 MSPI-STA20502 Datasheet
256Kb / 1P
Voltage Rating 12 to 24 Vdc
STA22702W MSPI-STA22702W Datasheet
239Kb / 1P
Voltage Rating 12 to 24 Vdc
STA32264A MSPI-STA32264A Datasheet
99Kb / 1P
Voltage Rating 12 to 48 Vdc
STA35802 MSPI-STA35802 Datasheet
200Kb / 1P
Voltage Rating 12 to 24 Vdc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com