Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1614 Datasheet (PDF) - SHIKUES Electronics

2SD1614 Datasheet PDF - SHIKUES Electronics
Part # 2SD1614
Download  2SD1614 Download
File Size   692.27 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN-Silicon General use Transistors

2SD1614 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1614 Datasheet PDF - SHIKUES Electronics

Part # 2SD1614
Download  2SD1614 Click to download

File Size   692.27 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN-Silicon General use Transistors

2SD1614 Datasheet (HTML) - SHIKUES Electronics


2SD1614 Product details

NPN-Silicon General use Transistors
1W 、 1.5A、 25V

Applications: Can be used for switching and amplifying in various
                        electrical and electronic circuit.




Similar Part No. - 2SD1614

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1614 NEC-2SD1614 Datasheet
214Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SD1614 KEXIN-2SD1614 Datasheet
51Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1614 RENESAS-2SD1614 Datasheet
219Kb / 4P
SILICON TRANSISTOR
1985
logo
Guangdong Kexin Industr...
2SD1614-K KEXIN-2SD1614-K Datasheet
754Kb / 3P
NPN Transistors
2SD1614-L KEXIN-2SD1614-L Datasheet
754Kb / 3P
NPN Transistors
More results


Similar Description - 2SD1614

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
logo
SHIKUES Electronics
2SB798 SKTECHNOLGY-2SB798 Datasheet
873Kb / 3P
PNP-Silicon General use Transistors
2SB1114 SKTECHNOLGY-2SB1114 Datasheet
873Kb / 3P
PNP Silicon General USE Transistors
2SB1123 SKTECHNOLGY-2SB1123 Datasheet
730Kb / 3P
PNP-Silicon General use Transistors
KTA1663 SKTECHNOLGY-KTA1663 Datasheet
592Kb / 3P
PNP-Silicon General use Transistors
logo
AiT Semiconductor Inc.
2SC5658QM AITSEMI-2SC5658QM Datasheet
564Kb / 6P
GENERAL PURPOSE TRANSISTORS NPN SILICON GENERAL
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com