Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3357 Datasheet (PDF) - SHIKUES Electronics

2SC3357 Datasheet PDF - SHIKUES Electronics
Part # 2SC3357
Download  2SC3357 Download
File Size   575.86 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN SILICON RF TRANSISTOR

2SC3357 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3357 Datasheet PDF - SHIKUES Electronics

Part # 2SC3357
Download  2SC3357 Click to download

File Size   575.86 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description NPN SILICON RF TRANSISTOR

2SC3357 Datasheet (HTML) - SHIKUES Electronics


2SC3357 Product details

Feature
   High gain:︱S21e︱2 TYP. Value is 10dB     @ VCE=10V,IC=20mA,f=1GHz
   Low noise: NF            TYP. Value is 1.7dB    @ VCE=10V,IC=7mA,f=1GHz
   fT (TYP.) :                   TYP. Value is 6.5GHz @ VCE=10V,IC=20mA,f=1GHz




Similar Part No. - 2SC3357

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3357 NEC-2SC3357 Datasheet
77Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SC3357 KEXIN-2SC3357 Datasheet
54Kb / 1P
NPN Silicon RF Transistor
logo
Inchange Semiconductor ...
2SC3357 ISC-2SC3357 Datasheet
321Kb / 6P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
logo
Foshan Blue Rocket Elec...
2SC3357 FOSHAN-2SC3357 Datasheet
748Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results


Similar Description - 2SC3357

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com