Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA1062A Datasheet (PDF) - Integral Corp.

ILA1062A Datasheet PDF - Integral Corp.
Part # ILA1062A
Download  ILA1062A Download
File Size   189.21 Kbytes
Page   9 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE

ILA1062A Datasheet (PDF)

Go To PDF Page Download Datasheet
ILA1062A Datasheet PDF - Integral Corp.

Part # ILA1062A
Download  ILA1062A Click to download

File Size   189.21 Kbytes
Page   9 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE

ILA1062A Datasheet (HTML) - Integral Corp.


ILA1062A Product details

DESCRIPTION
The ILA1062 and ILA1062A are integrated circuits that perform all speech and line interface functions required in fully electronic telephone sets. They perform electronic switching between dialing and speech. The ICs operates at line voltage down to 1.6 V DC (with reduced performance) to facilitate the use of more telephone sets connected in parallel.
All statements and values refer to all versions unless otherwise specified. The ILA1062(ILA1062A) is packaged in a standard 16-pin plastic DIP and special plastic DIP with internal heatsink is also available.

FEATURES
• Low DC line voltage; operates down to 1.6V (excluding polarity guard)
• Voltage regulator with adjustable static resistance
• Provides a supply for external circuits
• Symmetrical high-impedance inputs (64 kΩ) for dynamic, magnetic or piezo-electric microphones
• Asymmetrical high-impedance input (32 kΩ) for electret microphones
• DTMF signal input with confidence tone
• Mute input for pulse or DTMF dialing
    - ILA1062: active HIGH (MUTE)
    - ILA1062A: active LOW (MUTE)
• Receiving amplifier for dynamic, magnetic or piezo-electric earpieces
• Large gain setting range on microphone and earpiece amplifiers
• Line loss compensation (line current dependent) for microphone and earpiece amplifiers
• Gain control curve adaptable to exchange supply
• DC line voltage adjustment facility




Similar Part No. - ILA1062A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
Provides a supply for external circuits
More results


Similar Description - ILA1062A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
Telephone Speech Network with Dialer Interface
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
Telephone Speech Network with Dialer Interface
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com