Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2270NLGK8 Datasheet (PDF) - Renesas Technology Corp

F2270NLGK8 Datasheet PDF - Renesas Technology Corp
Part # F2270NLGK8
Download  F2270NLGK8 Download
File Size   5047.21 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75廓 Voltage Variable Attenuator 5MHz to 3000MHz

F2270NLGK8 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2270NLGK8 Datasheet PDF - Renesas Technology Corp

Part # F2270NLGK8
Download  F2270NLGK8 Click to download

File Size   5047.21 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 75廓 Voltage Variable Attenuator 5MHz to 3000MHz

F2270NLGK8 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F2270NLGK8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2270NLGK8 IDT-F2270NLGK8 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
F2270NLGK8 IDT-F2270NLGK8 Datasheet
1Mb / 29P
Voltage Variable Attenuator
More results


Similar Description - F2270NLGK8

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
Voltage Variable Attenuator 50廓 20 to 3000 MHz
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com