| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
XCSDM4801M12
|
98Kb / 2P |
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - connector
MAY 31, 2021 |
|
XCSDM379102
|
104Kb / 3P |
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 2m
MAY 31, 2021 |
|
XCSDM379105
|
104Kb / 3P |
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 5m
MAY 31, 2021 |
|
XCSDM379110
|
102Kb / 2P |
coded magnetic system XCSDM3 - SIL 2 - 2 PNP outputs - cable 10m
FEB 08, 2021 |
|
XCSDM480102
|
103Kb / 2P |
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 2m
MAY 31, 2021 |
|
XCSDM480105
|
104Kb / 3P |
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 5m
MAY 31, 2021 |
|
XCSDM480110
|
103Kb / 2P |
coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 10m
MAY 31, 2021 |
|
XCSDMC7912
|
94Kb / 2P |
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021 |
|
XCSDMP7902
|
79Kb / 2P |
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021 |
|
XCSDMP7912
|
92Kb / 2P |
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021 |