Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INF8594E Datasheet (PDF) - Integral Corp.

INF8594E Datasheet PDF - Integral Corp.
Part # INF8594E
Download  INF8594E Download
File Size   98.19 Kbytes
Page   2 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 512 x 8-Bit CMOS EEPROM with I2C-Bus Interface

INF8594E Datasheet (PDF)

Go To PDF Page Download Datasheet
INF8594E Datasheet PDF - Integral Corp.

Part # INF8594E
Download  INF8594E Click to download

File Size   98.19 Kbytes
Page   2 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 512 x 8-Bit CMOS EEPROM with I2C-Bus Interface

INF8594E Datasheet (HTML) - Integral Corp.


INF8594E Product details

The INF8594E-2 is a 4-Kbit (512 x 8-bit) floating gate electrically erasable programmable read only memory (EEPROM). By using an internal redundant storage code it is fault tolerant to single bit errors. This feature dramatically increases reliability. IC works in systems with serial I2C-bus which consists of 2 lines: for data -serial data input/output (SDA) and for clock - serial clock input (SCL). Up to four INF8594E-2 devices may be connected to the I2C-bus.The programming of the array is implemented by electron’s tunneling. The programming voltage is generated on-chip, using a voltage multiplier. Power consumption is low owing to the full CMOS technology used. Device is functionally identical to the PCF8594E-2, Philips. IC are made in 8-pin DIP and 8-pin SOP.

FEATURES
♦ Low Power CMOS
    maximum active current 2.5 mA
    maximum standby current 10 µA
♦ Non-volatile storage of 4-Kbits organized as two pages each 256 x 8-bits
♦ Single supply (Ucc=4,5 B - 5,5 B)
♦ On-chip voltage multiplier
♦ Serial input/output I2C-bus
♦ Automatically added word address
♦ Internal timer for writing (no external components) 100 000 ERASE/WRITE cycles per byte;
♦ Write operations
    -byte write mode
    -8-byte page write mode (minimizes total write time per byte)
♦ Write protection input
♦ Read operations
    sequential read
    random read
♦ Power-on reset
♦ High reliability by using a redundant storage code (single bit error correction)
♦ Endurance
    100 k; Tamb=85°C
    10 years non-volatile data retention time
♦ Pin and Address compatible to PCx8582x-2 Family and PCx8598x2 Family
♦ Temperature range: -40°C ÷ +85°C




Similar Part No. - INF8594E

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF85116 INTEGRAL-INF85116 Datasheet
158Kb / 4P
2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
INF85116N INTEGRAL-INF85116N Datasheet
158Kb / 4P
2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
INF8574 INTEGRAL-INF8574 Datasheet
254Kb / 10P
silicon CMOS circuit
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
Operating supply voltage 2.5 to 6 V
More results


Similar Description - INF8594E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com