Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN24LC04BN Datasheet (PDF) - Integral Corp.

IN24LC04BN Datasheet PDF - Integral Corp.
Part # IN24LC04BN
Download  IN24LC04BN Download
File Size   246.3 Kbytes
Page   10 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 4K/8K 2.5V CMOS Serial EEPROMs

IN24LC04BN Datasheet (PDF)

Go To PDF Page Download Datasheet
IN24LC04BN Datasheet PDF - Integral Corp.

Part # IN24LC04BN
Download  IN24LC04BN Click to download

File Size   246.3 Kbytes
Page   10 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 4K/8K 2.5V CMOS Serial EEPROMs

IN24LC04BN Datasheet (HTML) - Integral Corp.


IN24LC04BN Product details

DESCRIPTION
IN24LC04/08 is a 4K-or 8K-bit Electrically Erasable PROM. The device is organized as two or four blocks of 256 x 8 bit memory with a two wire serial interface. Low voltage design permits operation down to 2.5 volts with standby and active currents of only 5µA and 1mA respectively. The IN24LC04/08 also has a page-write capability for up to 16 bytes of data. The IN24LC04B/08B is available in the standard 8-pin DIP.

FEATURES
• Single supply with operation down to 2.5V
• Low power CMOS technology
    - 1 mA active current typical
    - 10 µA standby current typical at 5.5V
    - 5 µA standby current typical at 3.0V
• Organized as two or four blocks of 256 bytes (2x256x8) and (4x256x8)
• Two wire serial interface bus, I2C compatible
• Schmitt trigger, filtered inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 ERASE/WRITE cycles guaranteed*
• Data retention > 200 years
• 8-pin DIP
• Temperature range -40 to +85 oC




Similar Part No. - IN24LC04BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
2K 2.5V CMOS Serial EEPROMs
IN24LC08 INTEGRAL-IN24LC08 Datasheet
262Kb / 12P
IN24LC08
IN24LC08D INTEGRAL-IN24LC08D Datasheet
262Kb / 12P
IN24LC08
IN24LC08N INTEGRAL-IN24LC08N Datasheet
262Kb / 12P
IN24LC08
More results


Similar Description - IN24LC04BN

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
4K/8K 1.8V I2C Serial EEPROMs
1996
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
4K/8K 2.5V I 2 C Serial EEPROMs
2007
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
2K 2.5V CMOS Serial EEPROMs
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
2K 2.5V CMOS Serial EEPROMs
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
KK24LC04B KODENSHI-KK24LC04B Datasheet
266Kb / 10P
4K/8K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com