Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAD6263 Datasheet (PDF) - ON Semiconductor

FAD6263 Datasheet PDF - ON Semiconductor
Part # FAD6263
Download  FAD6263 Download
File Size   275.19 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-Bridge Gate Driver, 600 V, 3 A

FAD6263 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAD6263 Datasheet PDF - ON Semiconductor

Part # FAD6263
Download  FAD6263 Click to download

File Size   275.19 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-Bridge Gate Driver, 600 V, 3 A

FAD6263 Datasheet (HTML) - ON Semiconductor


FAD6263 Product details

Description
The FAD6263 is a high voltage half bridge gate driver IC providing 2 complementary outputs for driving power MOSFETs or IGBTs in a half−bridge configuration.
It uses the bootstrap technique to ensure a proper drive of the high−side power switch. The driver works with a single input.

Features
• Complementary High and Low Drive Outputs
• Shoot−Through Protection with adjustable Dead−Time
• High Voltage Range: Up to 600 V
• DV/dt Immunity ±50 V/ns
• Matched Propagation Delay 100 ns
• Gate Drive Supply Range from 10 V to 22 V
• Output Source / Sink Current Capability 3 A / 3 A
• 3.3 V and 5 V Input Logic Pins
• Extended Allowable Negative Bridge Pin Voltage
   Swing to −10 V for Signal Propagation
• Under Voltage LockOut (UVLO) for Both Channels
• Shutdown Pin with Latched Fault State
• AEC−Q100 Qualified and PPAP Capable
• This Device is Pb−Free, Halogen Free and is RoHS Compliant

Applications
• Automotive
• Motor Control (fans, pumps, compressors)
• MOSFET and IGBT driver applications




Similar Part No. - FAD6263

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010 QUALTEK-FAD1-04010 Datasheet
1Mb / 1P
40x40x10mm DC AXIAL FAN
FAD1-04010BAAW11 QUALTEK-FAD1-04010BAAW11 Datasheet
1Mb / 1P
40x40x10mm DC AXIAL FAN
FAD1-04010BAHW11 QUALTEK-FAD1-04010BAHW11 Datasheet
1Mb / 1P
40x40x10mm DC AXIAL FAN
FAD1-04010BAJW11 QUALTEK-FAD1-04010BAJW11 Datasheet
1Mb / 1P
40x40x10mm DC AXIAL FAN
FAD1-04010BALW11 QUALTEK-FAD1-04010BALW11 Datasheet
1Mb / 1P
40x40x10mm DC AXIAL FAN
More results


Similar Description - FAD6263

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
Infineon Technologies A...
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
3-Phase Half Bridge Gate Driver
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com