Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6430 Datasheet (PDF) - Broadcom Corporation.

AMMC-6430 Datasheet PDF - Broadcom Corporation.
Part # AMMC-6430
Download  AMMC-6430 Download
File Size   379.89 Kbytes
Page   7 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 25 - 33 GHz Power Amplifier

AMMC-6430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6430 Datasheet PDF - Broadcom Corporation.

Part # AMMC-6430
Download  AMMC-6430 Click to download

File Size   379.89 Kbytes
Page   7 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 25 - 33 GHz Power Amplifier

AMMC-6430 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMC-6430

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
AMMC-6430-W10 AVAGO-AMMC-6430-W10 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
AMMC-6430-W50 AVAGO-AMMC-6430-W50 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
More results


Similar Description - AMMC-6430

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
33-36 GHz 2W Power Amplifier
logo
Fairchild Semiconductor
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
33 GHz Buffer Amplifier MMIC
logo
TriQuint Semiconductor
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
33-36 GHz 2W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
25 - 33 GHz Power Amplifier
logo
Transcom, Inc.
TA024-060-23-32 TRANSCOM-TA024-060-23-32 Datasheet
17Kb / 1P
2.4 - 6.0 GHz 33 dBm Amplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
2 - 6 GHz 33 dBm Amplifier
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
33 36 GHz 2W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6431 AVAGO-AMMC-6431 Datasheet
307Kb / 9P
25-33 GHz 0.7W Power Amplifier MMIC
logo
Custom MMIC Design Serv...
CMD190 MMIC-CMD190 Datasheet
250Kb / 10P
33-45 GHz Low Noise Amplifier
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com