Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-6550 Datasheet (PDF) - Broadcom Corporation.

AMMC-6550 Datasheet PDF - Broadcom Corporation.
Part # AMMC-6550
Download  AMMC-6550 Download
File Size   131.48 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 15 to 50 GHz Image Rejection Mixer

AMMC-6550 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6550 Datasheet PDF - Broadcom Corporation.

Part # AMMC-6550
Download  AMMC-6550 Click to download

File Size   131.48 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 15 to 50 GHz Image Rejection Mixer

AMMC-6550 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMC-6550

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6550 AVAGO-AMMC-6550 Datasheet
142Kb / 8P
Positive polarity for Gate and Drain Bias
More results


Similar Description - AMMC-6550

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
logo
Anaren Microwave
150017-240 ANAREN-150017-240 Datasheet
201Kb / 1P
Mixers Image Rejection
logo
BOWEI Integrated Circui...
IRM-500 BOWEI-IRM-500 Datasheet
116Kb / 1P
Image Rejection Mixers
IR-60 BOWEI-IR-60 Datasheet
99Kb / 1P
Image Rejection Mixers
logo
Anaren Microwave
150017-240 ANAREN-150017-240_14 Datasheet
217Kb / 2P
Mixers Image Rejection
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
5??0 GHz Image Reject Mixer
AMMP-6530 AVAGO-AMMP-6530 Datasheet
592Kb / 8P
5??0 GHz Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
Image Reject Mixer, 10??9 GHz
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
5??0 GHz Image Reject Mixer
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com