Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1-DC5V Datasheet (PDF) - Nais(Matsushita Electric Works)

ST1-DC5V Datasheet PDF - Nais(Matsushita Electric Works)
Part # ST1-DC5V
Download  ST1-DC5V Download
File Size   92.42 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING

ST1-DC5V Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1-DC5V Datasheet PDF - Nais(Matsushita Electric Works)

Part # ST1-DC5V
Download  ST1-DC5V Click to download

File Size   92.42 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING

ST1-DC5V Datasheet (HTML) - Nais(Matsushita Electric Works)


ST1-DC5V Product details

FEATURES
• Sealed to meet the combination process of automatic wave soldering
   and cleaning needs
• Latching types available
• High switching capacity and high  sensitivity in subminiature size
   150 mW pick-up, 8 A inrush capacity:
   51 A for 1a1b, 35 A for 2a
• High shock and vibration resistance
   Shock: 20 G, Vibration: 10 to 55 Hz at
   double amplitude of 2 mm




Similar Part No. - ST1-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ST1-DC5V-F PANASONIC-ST1-DC5V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
More results


Similar Description - ST1-DC5V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ5 AZETTLER-AZ5 Datasheet
94Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
SUBMINIATURE PC BOARD RELAY
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
SUBMINIATURE PC BOARD RELAY
logo
Rohm
BD2270HFV ROHM-BD2270HFV_09 Datasheet
262Kb / 13P
MOSFET Controller IC for Load Switching
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
SUBMINIATURE PC BOARD RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com