Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX12553 Datasheet (PDF) - Maxim Integrated Products

MAX12553 Datasheet PDF - Maxim Integrated Products
Part # MAX12553
Download  MAX12553 Download
File Size   1445.94 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 65Msps, 3.3V ADC

MAX12553 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX12553 Datasheet PDF - Maxim Integrated Products

Part # MAX12553
Download  MAX12553 Click to download

File Size   1445.94 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 14-Bit, 65Msps, 3.3V ADC

MAX12553 Datasheet (HTML) - Maxim Integrated Products


MAX12553 Product details

General Description
The MAX12553 is a 3.3V, 14-bit, 65Msps analog-to-digital converter (ADC) featuring a fully differential wideband track-and-hold (T/H) input amplifier, driving a low-noise internal quantizer. The analog input stage accepts single-ended or differential signals. The MAX12553 is optimized for low-power, small size, and high dynamic performance. Excellent dynamic performance is maintained from baseband to input frequencies of 175MHz and beyond, making the MAX12553 ideal for intermediate frequency (IF) sampling applications.

Features
♦ Direct IF Sampling Up to 400MHz
♦ Excellent Dynamic Performance
    74.0dB/71dB SNR at fIN = 3MHz/175MHz
    90.6dBc/80.7dBc SFDR at fIN = 3MHz/175MHz
♦ Low Noise Floor: -76dBFS
♦ 3.3V Low-Power Operation
    337mW (Single-Ended Clock Mode)
    363mW (Differential Clock Mode)
    150µW (Power-Down Mode)
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Full-Scale Analog Input Range: ±0.35V to ±1.10V
♦ Common-Mode Reference
♦ CMOS-Compatible Outputs in Two’s Complement or Gray Code
♦ Data-Valid Indicator Simplifies Digital Interface
♦ Data Out-of-Range Indicator
♦ Miniature, 40-Pin Thin QFN Package with Exposed Paddle
♦ Evaluation Kit Available (Order MAX12555EVKIT)

Applications
    IF and Baseband Communication Receivers Cellular, Point-to-Point Microwave, HFC, WLAN
    Ultrasound and Medical Imaging
    Portable Instrumentation
    Low-Power Data Acquisition




Similar Part No. - MAX12553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12553 MAXIM-MAX12553 Datasheet
762Kb / 28P
14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX12553 MAXIM-MAX12553 Datasheet
432Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX12553EVKIT MAXIM-MAX12553EVKIT Datasheet
432Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 10/06
MAX12553EVKIT+ MAXIM-MAX12553EVKIT+ Datasheet
432Kb / 14P
Low-Voltage and Low-Power Operation
Rev 1; 10/06
More results


Similar Description - MAX12553

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12555 MAXIM-MAX12555 Datasheet
762Kb / 28P
14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
14-Bit, 65Msps ADC
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19515 MAXIM-MAX19515 Datasheet
340Kb / 35P
Dual-Channel, 10-Bit, 65Msps ADC
Rev 1; 10/08
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
14-Bit, 65Msps ADC
logo
Maxim Integrated Produc...
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
Dual-Channel, 8-Bit, 65Msps ADC
2010
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com