Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70P34 Datasheet (PDF) - Integrated Device Technology

IDT70P34 Datasheet PDF - Integrated Device Technology
Part # IDT70P34
Download  IDT70P34 Download
File Size   293.92 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM

IDT70P34 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70P34 Datasheet PDF - Integrated Device Technology

Part # IDT70P34
Download  IDT70P34 Click to download

File Size   293.92 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM

IDT70P34 Datasheet (HTML) - Integrated Device Technology


IDT70P34 Product details

Description
The IDT70P35/34L (IDT70P25/24L) is a high-speed 8/4K x 18 (8/4K x 16) Dual-Port Static RAM. The IDT70P35/34L (IDT70P25/24L) is designed to be used as a stand-alone Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 36-bit (32-bit) or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   IDT70P35/34L (IDT70P25/24L)
   – Commercial: 20/25ns (max.)
   – Industrial: 25ns (max.)
◆ Low-power operation
   IDT70P35/34L (IDT70P25/24L)
      Active: 30.6mW (typ.)
      Standby: 5.4mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed bus compatibility
◆ IDT70P35/34L (IDT70P25/24L) easily expands data bus width to 36 bits (32 bits) or more using the Master/Slave select when cascading more than one device
◆ M/S = VIH for BUSY output flag on Master M/S = VIL for BUSY input on Slave
◆ BUSY and Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ LVTTL-compatible, single 1.8V (±100mV) power supply
◆ Available in a 100-pin Thin Quad Flatpack (TQFP) package, 100-pin 0.8mm pitch Ball Grid Array (fpBGA), and 100-pin 0.5mm pitch BGA (fpBGA)
◆ Industrial temperature range (-40°C to +85°C) is available for selected speeds




Similar Part No. - IDT70P34

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RM IDT-IDT70P3307S233RM Datasheet
882Kb / 20P
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S233RMI IDT-IDT70P3307S233RMI Datasheet
882Kb / 20P
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RM IDT-IDT70P3307S250RM Datasheet
882Kb / 20P
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
IDT70P3307S250RMI IDT-IDT70P3307S250RMI Datasheet
882Kb / 20P
1024K/512K x18 SYNCHRONOUS DUAL QDR-II
More results


Similar Description - IDT70P34

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
4K x 8/9 Dual-Port Static RAM
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com