Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1577 Datasheet (PDF) - Rohm

2SA1577 Datasheet PDF - Rohm
Part # 2SA1577
Download  2SA1577 Download
File Size   78.09 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (-32V, -0.5A)

2SA1577 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1577 Datasheet PDF - Rohm

Part # 2SA1577
Download  2SA1577 Click to download

File Size   78.09 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (-32V, -0.5A)

2SA1577 Datasheet (HTML) - Rohm


2SA1577 Product details

Features
1) Large IC.
   ICMax. = 500mA
2) Low VCE(sat). Ideal for low-voltage operation.
3) Complements the 2SC2411K / 2SC1741S / 2SC4097.

Structure
   Epitaxial planar type PNP silicon transistor




Similar Part No. - 2SA1577

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577 Datasheet
46Kb / 1P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SA1577 SECOS-2SA1577 Datasheet
227Kb / 3P
PNP Silicon General Purpose Transistor
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
167Kb / 3P
Medium Power Transistor (-32V, -05A)
2SA1577 ROHM-2SA1577 Datasheet
1Mb / 8P
Medium Power Transistor (-32V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA1577 BILIN-2SA1577 Datasheet
238Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
More results


Similar Description - 2SA1577

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SC1741S ROHM-2SC1741S Datasheet
71Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
Leshan Radio Company
L2SA1036KLT1 LRC-L2SA1036KLT1 Datasheet
126Kb / 4P
Medium Power Transistor(-32V, -0.5A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
Medium power transistor (32V, 2A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SC4097T106R ROHM-2SC4097T106R Datasheet
66Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
Medium Power Transistor (32V, 0.8A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com