Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5A400D Datasheet (PDF) - First Silicon Co., Ltd

UF5A400D Datasheet PDF - First Silicon Co., Ltd
Part # UF5A400D
Download  UF5A400D Download
File Size   255.91 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 5A,400V ULTRA-FAST RECTIFIER

UF5A400D Datasheet (PDF)

Go To PDF Page Download Datasheet
UF5A400D Datasheet PDF - First Silicon Co., Ltd

Part # UF5A400D
Download  UF5A400D Click to download

File Size   255.91 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 5A,400V ULTRA-FAST RECTIFIER

UF5A400D Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - UF5A400D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF5A400D1 DIODES-UF5A400D1 Datasheet
86Kb / 4P
5A ULTRA-FAST RECTIFIER
DS32142 Rev. 3 - 2
UF5A400D1-13 DIODES-UF5A400D1-13 Datasheet
86Kb / 4P
5A ULTRA-FAST RECTIFIER
DS32142 Rev. 3 - 2
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
5A ULTRA-FAST RECTIFIER
Rev 4
More results


Similar Description - UF5A400D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
UF5A400D1 DIODES-UF5A400D1 Datasheet
86Kb / 4P
5A ULTRA-FAST RECTIFIER
DS32142 Rev. 3 - 2
UF5A600D1 DIODES-UF5A600D1 Datasheet
87Kb / 4P
5A ULTRA-FAST RECTIFIER
DS32143 Rev. 3 - 2
logo
Frontier Electronics.
HER501 FRONTIER-HER501 Datasheet
129Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
HER501-LFR FRONTIER-HER501-LFR Datasheet
129Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
UF50-005 FRONTIER-UF50-005 Datasheet
130Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
UF5A400D1 DIODES-UF5A400D1_15 Datasheet
181Kb / 5P
5A ULTRA-FAST RECTIFIER
Rev 4
logo
Frontier Electronics.
HER501G FRONTIER-HER501G Datasheet
972Kb / 2P
5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU540 DIODES-PDU540_16 Datasheet
487Kb / 6P
5A ULTRA-FAST RECOVERY RECTIFIER
Rev 4
logo
List of Unclassifed Man...
SFR10S40AD ETC-SFR10S40AD Datasheet
420Kb / 5P
10A, 400V ULTRA-FAST RECOVERY RECTIFIER
Rev.: 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com