Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5511 Datasheet (PDF) - Rohm

C5511 Datasheet PDF - Rohm
Part # C5511
Download  C5511 Download
File Size   56.19 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Audio Amplifier output - TV Velosity Modulation (160V, 1.5A)

C5511 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5511 Datasheet PDF - Rohm

Part # C5511
Download  C5511 Click to download

File Size   56.19 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Audio Amplifier output - TV Velosity Modulation (160V, 1.5A)

C5511 Datasheet (HTML) - Rohm


C5511 Product details

For Audio Amplifier output - TV Velosity

Modulation (160V, 1.5A)



Features

1) Electrical characteristics of DC current gain hFEis flat.

2) High breakdown voltage. (BVCEO=160V(Min.), at IC=1mA)

3) High fT. (Typ. 150MHz, at VCE=10V, IE= −0.2A, f=100MHz)

4) Wide SOA.



Applications

Power amplifier

Velosity modulation




Similar Part No. - C5511

ManufacturerPart #DatasheetDescription
logo
Powerbox
C551 POWERBOX-C551 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Belden Inc.
C5510 BELDEN-C5510 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510-0102500 BELDEN-C5510-0102500 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510-0105000 BELDEN-C5510-0105000 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510-0107500 BELDEN-C5510-0107500 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Similar Description - C5511

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1964 ROHM-2SA1964 Datasheet
38Kb / 1P
For audio amplifier output stages/TV velocity modulation (-160V, -1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
160V/1.5A Switching Applications
logo
Rohm
2SA2005 ROHM-2SA2005 Datasheet
53Kb / 2P
For Audio Amplifier output - TV Velosity Modulation (-160V,-1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
160V / 1.5A Switching Applications
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
160V / 1.5A Switching Applications
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
Power Transistor (160V , 1.5A)
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
Audio Output for TV application 5W Monaural Power Amplifier
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com