| Manufacturer | Part # | Datasheet | Description |
 Microchip Technology |
PS810
|
664Kb / 46P |
Li Ion Single Cell Fuel Gauge
2006 |
 Texas Instruments |
BQ24704
|
1Mb / 31P |
Low Cost, Host-Controlled Li-Ion and Li-Polymer Battery Charger With Low Iq
|
 Mitsumi Electronics, Co... |
MM3556
|
97Kb / 4P |
Fuel Gauge IC for Li-ion Battery
|
 Maxim Integrated Produc... |
MAX77278
|
2Mb / 69P |
Ultra-Low Power PMIC with 3-Output SIMO, Power Path Charger Optimized for Small Li, 425mA Current Sink, and 8 GPIOs
Rev 3; 11/18 |
|
MAX77734
|
1Mb / 76P |
Ultra-Low Power Tiny PMIC with Power Path Charger for Small Li and 150mA LDO
Rev 5; 7/20 |
|
MAX14745
|
1Mb / 67P |
PMIC with Ultra Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
Rev 22; 9/20 |
|
MAX20335
|
1Mb / 67P |
PMIC with Ultra-Low IQ Voltage Regulators and Battery Chargers for Small Lithium Ion Systems
Rev 6 6/21 |
|
MAX77650
|
2Mb / 82P |
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18 |
|
MAX20303
|
3Mb / 151P |
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020 |
|
MAX14690
|
807Kb / 47P |
PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020 |