Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE12A-0402 Datasheet (PDF) - First Silicon Co., Ltd

PE12A-0402 Datasheet PDF - First Silicon Co., Ltd
Part # PE12A-0402
Download  PE12A-0402 Download
File Size   241.59 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV

PE12A-0402 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE12A-0402 Datasheet PDF - First Silicon Co., Ltd

Part # PE12A-0402
Download  PE12A-0402 Click to download

File Size   241.59 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV

PE12A-0402 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - PE12A-0402

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
PE12A-2510 FS-PE12A-2510 Datasheet
896Kb / 7P
ESD Protection Devices
More results


Similar Description - PE12A-0402

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Protek Devices
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDT23CXXL02 UMW-SDT23CXXL02 Datasheet
373Kb / 5P
IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com