Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963ES8-2.5 Datasheet (PDF) - Linear Integrated Systems

LT1963ES8-2.5 Datasheet PDF - Linear Integrated Systems
Part # LT1963ES8-2.5
Download  LT1963ES8-2.5 Download
File Size   241.4 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 1.5A, Low Noise, Fast Transient Response LDO Regulators

LT1963ES8-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1963ES8-2.5 Datasheet PDF - Linear Integrated Systems

Part # LT1963ES8-2.5
Download  LT1963ES8-2.5 Click to download

File Size   241.4 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 1.5A, Low Noise, Fast Transient Response LDO Regulators

LT1963ES8-2.5 Datasheet (HTML) - Linear Integrated Systems


LT1963ES8-2.5 Product details

DESCRIPTION
The LT ®1963 series are low dropout regulators optimized for fast transient response. The devices are capable of supplying 1.5A of output current with a dropout voltage of 340mV. Operating quiescent current is 1mA, dropping to <1µA in shutdown. Quiescent current is well controlled; it does not rise in dropout as it does with many other regulators. In addition to fast transient response, the LT1963 regulators have very low output noise which makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21V to 20V. The LT1963 regulators are stable with output capacitors as low as 10µF. Internal protection circuitry includes reverse battery protection, current limiting, thermal limiting and reverse current protection. The devices are available in fixed output voltages of 1.5V, 1.8V, 2.5V, 3.3V and as an adjustable device with a 1.21V reference voltage. The LT1963 regulators are available in 5-lead TO-220, DD, 3-lead SOT-223 and 8-lead SO packages.

FEATURES
■ Optimized for Fast Transient Response
■ Output Current: 1.5A
■ Dropout Voltage: 340mV
■ Low Noise: 40µVRMS (10Hz to 100kHz)
■ 1mA Quiescent Current
■ No Protection Diodes Needed
■ Controlled Quiescent Current in Dropout
■ Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
■ Adjustable Output from 1.21V to 20V
■ <1µA Quiescent Current in Shutdown
■ Stable with 10µF Output Capacitor
■ Reverse Battery Protection
■ No Reverse Current
■ Thermal Limiting

APPLICATIONS
■ 3.3V to 2.5V Logic Power Supplies
■ Post Regulator for Switching Supplies




Similar Part No. - LT1963ES8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963ES8-2.5 LINER-LT1963ES8-2.5 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Similar Description - LT1963ES8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com