Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPB56011 Datasheet (PDF) - Motorola, Inc

DSPB56011 Datasheet PDF - Motorola, Inc
Part # DSPB56011
Download  DSPB56011 Download
File Size   808.4 Kbytes
Page   82 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24-BIT DVD DIGITAL SIGNAL PROCESSOR

DSPB56011 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSPB56011 Datasheet PDF - Motorola, Inc

Part # DSPB56011
Download  DSPB56011 Click to download

File Size   808.4 Kbytes
Page   82 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 24-BIT DVD DIGITAL SIGNAL PROCESSOR

DSPB56011 Datasheet (HTML) - Motorola, Inc


DSPB56011 Product details

The DSP56011 is a high-performance programmable Digital Signal Processor (DSP) developed for Digital Versatile Disc (DVD), High-Definition Television (HDTV), and Advanced Set-top audio decoding. The DSP56011 is optimized with audio-specific peripherals and customized memory configuration, and may be programmed with Motorola’s certified software for Dolby AC-3 5.1 Channel Surround, Dolby Pro Logic, and MPEG1 Layer 2.

FEATURES
Digital Signal Processing Core
• Efficient, object-code compatible, 24-bit DSP56000 family DSP engine
    – 47.5 Million Instructions Per Second (MIPS) with 21.05 ns instruction cycle at 95 MHz
    – Highly parallel instruction set with unique DSP addressing modes
    – Two 56-bit accumulators including extension byte
    – Parallel 24 × 24-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
    – Double precision 48 × 48-bit multiply with 96-bit result in 6 instruction cycles
    – 56-bit addition/subtraction in 1 instruction cycle
    – Fractional and integer arithmetic with support for multi-precision arithmetic
    – Hardware support for block-floating point Fast Fourier Transforms (FFT)
    – Hardware nested DO loops
    – Zero-overhead fast interrupts (2 instruction cycles)
    – PLL-based clocking with a wide range of frequency multiplications (1 to 4096) and power saving clock divider (2i : i = 0 to 15), which reduces clock noise
    – Four 24-bit internal data buses and three 16-bit internal address buses for simultaneous accesses to one program and two data memories

Memory
• Modified Harvard architecture allows simultaneous access to program and data memories
• 12800 × 24-bit on-chip Program ROM1
• 4096 × 24-bit on-chip X-data RAM and 3584 × 24-bit on-chip X-data ROM1
• 4352 × 24-bit on-chip Y-data RAM and 2048 × 24-bit on-chip Y-data ROM1
• 512 × 24-bit on-chip Program RAM and 64 × 24-bit bootstrap ROM
• As much as 2304 × 24 bits of X- and Y-data RAM can be switched to Program RAM, giving a total of 2816 × 24 bits of Program RAM

Peripheral and Support Circuits
• SAI includes:
    – Two receivers and three transmitters
    – Master or slave capability
    – I2S, Sony, and Matshushita audio protocol implementations
    – Two sets of SAI interrupt vectors
• SHI features:
    – Single master capability
    – SPI and I2C protocols
    – 10-word receive FIFO
    – Support for 8-, 16- and 24-bit words.
• Byte-wide Parallel Host Interface with DMA support capable of reconfiguration as fifteen General Purpose Input/Output (GPIO) lines
• DAX features one serial transmitter capable of supporting S/PDIF, IEC958, CP-340, and AES/EBU formats.
• Eight dedicated, independent, programmable GPIO lines
• On-chip peripheral registers memory mapped in data memory space
• OnCE port for unobtrusive, processor speed-independent debugging
• Software programmable PLL-based frequency synthesizer for the core clock
• Power saving Wait and Stop modes
• Fully static, HCMOS design from specified operating frequency down to dc
• 100-pin plastic Thin Quad Flat Pack (TQFP) surface-mount package
• 5 V power supply




Similar Part No. - DSPB56011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSPB56007 NXP-DSPB56007 Datasheet
951Kb / 83P
SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
DSPB56007FJ50 NXP-DSPB56007FJ50 Datasheet
951Kb / 83P
SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
DSPB56007FJ66 NXP-DSPB56007FJ66 Datasheet
951Kb / 83P
SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
DSPB56007FJ88 NXP-DSPB56007FJ88 Datasheet
951Kb / 83P
SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
More results


Similar Description - DSPB56011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com