Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBB-PR24 Datasheet (PDF) - EXCEL CELL ELECTRONIC CO., LTD.

EBB-PR24 Datasheet PDF - EXCEL CELL ELECTRONIC CO., LTD.
Part # EBB-PR24
Download  EBB-PR24 Download
File Size   336.59 Kbytes
Page   4 Pages
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.
Description 0.8mm Contact Spacing, Board To Board SMT Connectors

EBB-PR24 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBB-PR24 Datasheet PDF - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBB-PR24
Download  EBB-PR24 Click to download

File Size   336.59 Kbytes
Page   4 Pages
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.
Description 0.8mm Contact Spacing, Board To Board SMT Connectors

EBB-PR24 Datasheet (HTML) - EXCEL CELL ELECTRONIC CO., LTD.




Similar Part No. - EBB-PR24

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR22-P020H4F ECE-EBB-PR22-P020H4F Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR22-P020T2 ECE-EBB-PR22-P020T2 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR22-P020T6 ECE-EBB-PR22-P020T6 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR22-P060H4F ECE-EBB-PR22-P060H4F Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
More results


Similar Description - EBB-PR24

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
0.8mM BOARD TO BOARD PLUG ASSY
logo
AVX Corporation
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
Fine Pitch SMT Board to Board Connectors
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
0.8mm Pitch Board to Board Connector
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
Fine Pitch SMT Board to Board Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
EBW-CK22 ECE-EBW-CK22 Datasheet
204Kb / 3P
1.25mm Contact Spacing, Board to Wire SMT Connectors
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com