Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11N60C2 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

SPP11N60C2 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # SPP11N60C2
Download  SPP11N60C2 Download
File Size   1035.46 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 650 V (D-S) MOSFET

SPP11N60C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPP11N60C2 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # SPP11N60C2
Download  SPP11N60C2 Click to download

File Size   1035.46 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 650 V (D-S) MOSFET

SPP11N60C2 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


SPP11N60C2 Product details

Features
• Low VCE(sat).
   VCE(sat)=-0.55V(Typ.) (IC/IB=-4A/-0.1A)
• Excellent DC current gain characteristics.

Structure
   Epitaxial planar type PNP silicon transistor




Similar Part No. - SPP11N60C2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60C2 INFINEON-SPP11N60C2 Datasheet
160Kb / 14P
Cool MOS??Power Transistor
2002-08-12
More results


Similar Description - SPP11N60C2

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UD01N65 VBSEMI-UD01N65 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
TSM13N50CIC0 VBSEMI-TSM13N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM15N50CIC0 VBSEMI-TSM15N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP1N60C3 VBSEMI-SPP1N60C3 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP04N60C2 VBSEMI-SPP04N60C2 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM2NB60CPROG VBSEMI-TSM2NB60CPROG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N60SL VBSEMI-SSD02N60SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N65SL VBSEMI-SSD02N65SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com