Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6509END3 Datasheet (PDF) - Rohm

R6509END3 Datasheet PDF - Rohm
Part # R6509END3
Download  R6509END3 Download
File Size   2150.66 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 9A Power MOSFET

R6509END3 Datasheet (PDF)

Go To PDF Page Download Datasheet
R6509END3 Datasheet PDF - Rohm

Part # R6509END3
Download  R6509END3 Click to download

File Size   2150.66 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 9A Power MOSFET

R6509END3 Datasheet (HTML) - Rohm




Similar Part No. - R6509END3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6509END3 ISC-R6509END3 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R6509END3

ManufacturerPart #DatasheetDescription
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
Nch 500V 9A Power MOSFET
R6009JND3 ROHM-R6009JND3 Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009JNX ROHM-R6009JNX Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009ENJ ROHM-R6009ENJ Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009ENX ROHM-R6009ENX Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009KNJ ROHM-R6009KNJ Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009KNX ROHM-R6009KNX Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
R6009END3 ROHM-R6009END3 Datasheet
2Mb / 16P
Nch 600V 9A Power MOSFET
R6509KND3 ROHM-R6509KND3 Datasheet
2Mb / 14P
Nch 650V 9A Power MOSFET
R6009RND3 ROHM-R6009RND3 Datasheet
2Mb / 14P
Nch 600V 9A Power MOSFET
20220719 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com