Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K24 Datasheet (PDF) - Rohm

SP8K24 Datasheet PDF - Rohm
Part # SP8K24
Download  SP8K24 Download
File Size   151.98 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (45V, 6.0A)

SP8K24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K24 Datasheet PDF - Rohm

Part # SP8K24
Download  SP8K24 Click to download

File Size   151.98 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (45V, 6.0A)

SP8K24 Datasheet (HTML) - Rohm


SP8K24 Product details

Features

1) Built-in G-S Protection Diode.

2) Small and Surface Mount Package (SOP8).



Applications

Power switching , DC / DC converter , Inverter




Similar Part No. - SP8K24

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K24-TB VBSEMI-SP8K24-TB Datasheet
1Mb / 9P
Dual N-Channel 40-V (D-S) MOSFET
logo
Rohm
SP8K24FRA ROHM-SP8K24FRA Datasheet
1Mb / 8P
4V Drive NchNch MOSFET
More results


Similar Description - SP8K24

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
6.0A RECTIFIER
DS28008 Rev. G-3
logo
Rohm
RSS070N05 ROHM-RSS070N05 Datasheet
149Kb / 5P
Switching (45V, 7.0A)
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
Switching (45V, 4.5A)
SP8K2 ROHM-SP8K2 Datasheet
59Kb / 4P
Switching (30V, 6.0A)
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Unisonic Technologies
7P30 UTC-7P30 Datasheet
224Kb / 5P
6.0A, 300V, SWITCHING P-CHANNEL POWER MOSFET
logo
Rohm
SP8K2FU6TB ROHM-SP8K2FU6TB Datasheet
65Kb / 4P
Switching (30V, 6.0A)
logo
FETek Technology Corp.
FKBA4048B FETEK-FKBA4048B Datasheet
478Kb / 4P
N-Ch 45V Fast Switching MOSFETs
Ver : A
FKD4048B FETEK-FKD4048B Datasheet
479Kb / 4P
N-Ch 45V Fast Switching MOSFETs
Ver : A
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com