| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP133
|
178Kb / 9P |
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 3 |
|
NCP120
|
136Kb / 8P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2 |
|
NCP134
|
163Kb / 9P |
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 0 |
|
NCP720
|
344Kb / 9P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1 |
|
NCP135
|
769Kb / 9P |
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0 |
|
NCV8130
|
153Kb / 10P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0 |
|
NCV8133
|
266Kb / 11P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1 |
|
NCV8720
|
349Kb / 10P |
Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1 |
|
NCP136
|
429Kb / 15P |
LDO Regulator - Very Low Dropout, CMOS, Bias Rail 700 mA
July, 2020 ??Rev. 4 |
|
NCV8135
|
772Kb / 9P |
500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1 |