| Manufacturer | Part # | Datasheet | Description |
 Rohm |
QS6U22
|
60Kb / 4P |
Small switching (−20V, −1.5A)
|
|
2SB1132
|
79Kb / 5P |
Medium Power Transistor (−32V,−1A)
|
|
2SB1260
|
97Kb / 4P |
Power Transistor (−80V, −1A)
|
|
2SB1427
|
69Kb / 3P |
Power transistor (−20V, −2A)
|
|
2SB1694
|
76Kb / 3P |
General purpose amplification (−30V, −1A)
|
|
2SB1710
|
112Kb / 3P |
General purpose amplification (−30V, −1A)
|
|
2SB1386
|
139Kb / 5P |
Low frequency transistor (−20V, −5A)
|
|
2SB1412
|
192Kb / 4P |
Low frequency transistor (−20V,−5A)
|
|
2SB1733
|
113Kb / 3P |
General purpose amplification (−30V, −1A)
|
|
MP6T1
|
109Kb / 4P |
Medium Power Transistor (−32V, −1A)
|