Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ732 Datasheet (PDF) - List of Unclassifed Manufacturers

AZ732 Datasheet PDF - List of Unclassifed Manufacturers
Part # AZ732
Download  AZ732 Download
File Size   18.74 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MINIATURE POWER RELAY

AZ732 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ732 Datasheet PDF - List of Unclassifed Manufacturers

Part # AZ732
Download  AZ732 Click to download

File Size   18.74 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MINIATURE POWER RELAY

AZ732 Datasheet (HTML) - List of Unclassifed Manufacturers


AZ732 Product details

[Zettler]

Small DC relays of the series AZ 732/2732 are suitable because of their high switching capacity especially for the Use as output and coupling relay in control electronics. They meet the requirements of the Protection class II for safe electrical Separation (e.g. according to VDE 0631/0700).

• Choice of contacts: 2 changeover contacts, 2 NO contacts, 2 NC contacts
• Contact material either: AgCdO or AgCu gold-plated
• High switching capacity 1500 VA
• Low response performance
• Test voltage 4000 V
• Creepage and clearance distances> 8 mm
• Dust-proof (AZ 732) or washproof (AZ 2732) housing design
• Approvals: VDE, UL, CUR




Similar Part No. - AZ732

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ732 AZETTLER-AZ732 Datasheet
96Kb / 2P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ732 ZETTLER-AZ732 Datasheet
144Kb / 3P
Technische Daten
logo
American Zettler, Inc.
AZ732-04-2 AZETTLER-AZ732-04-2 Datasheet
96Kb / 2P
MINIATURE POWER RELAY
AZ732-053-52 AZETTLER-AZ732-053-52 Datasheet
96Kb / 2P
MINIATURE POWER RELAY
AZ732-08-2 AZETTLER-AZ732-08-2 Datasheet
96Kb / 2P
MINIATURE POWER RELAY
More results


Similar Description - AZ732

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com